Part Number Hot Search : 
SN74LS TDA73 29LV004 CM196 LF514RU PLO74 R3003 VN0109N3
Product Description
Full Text Search
 

To Download BAT54CDW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54TW /ADW /CDW /SDW /BRW
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
NEW PRODUCT
Features
* * * * Low Forward Voltage Drop Fast Switching Ultra-Small Surface Mount Package PN Junction Guard Ring for Transient and ESD Protection
SOT-363
A
Dim A B
Min 0.10 1.15 2.00 0.30 1.80 3/4 0.90 0.25 0.10 0
Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8
TOP VIEW
BC
C D F H
M
Mechanical Data
* * * * * * * Case: SOT-363, Molded Plastic Case Material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Orientation: See Diagrams Below Weight: 0.006 grams (approx.) Marking: See Diagrams Below & Page 2
A1
0.65 Nominal
G H K
J K L M a
J
D
F
L
All Dimensions in mm
AC
1
C2
C2
C1
A2
A2
C2
A2
AC
1
C1
C2
C1
C2
C3
C1
C1
A2
A1
A1
C2
A1
C1
AC
2
A1
A2
AC
2
A1
A2
A3
BAT54CDW* BAT54ADW* Marking: KL7 Marking: KL6 *Symmetrical configuration, no orientation indicator.
BAT54SDW* Marking: KL8
BAT54BRW Marking: KLB
BAT54TW Marking: KLA
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol VRRM VRWM VR IF IFRM @ t < 1.0s IFSM Pd RqJA Tj, TSTG Value 30 200 300 600 200 625 -65 to +125 Unit V mA mA mA mW C/W C
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current (Note 1) Repetitive Peak Forward Current (Note 1) Forward Surge Current (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2)
@ TA = 25C unless otherwise specified Symbol V(BR)R Min 30 Typ 3/4 3/4 3/4 3/4 3/4 Max 3/4 240 320 400 500 1000 2.0 10 5.0 Unit V Test Condition IR = 100mA IF = 0.1mA 1mA IF = IF = 10mA IF = 30mA IF = 100mA VR = 25V VR = 1.0V, f = 1.0MHz IF = 10mA through IR = 10mA to IR = 1.0mA, RL = 100W
Forward Voltage (Note 2)
VF IR CT trr
3/4 3/4 3/4 3/4
mV
Reverse Leakage Current (Note 2) Total Capacitance Reverse Recovery Time Notes:
mA pF ns
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect.
DS30152 Rev. 7 - 2
1 of 2
BAT54TW /ADW /CDW /SDW /BRW
NEW PRODUCT
Ordering Information
Device BAT54ADW-7 BAT54CDW-7 BAT54SDW-7 BAT54BRW-7 BAT54TW-7 Notes:
(Note 3) Packaging Shipping
SOT-363
3000/Tape & Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KXX
KXX = Product Type Marking Code (See Page 1) YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
YM YM
2002 N
Date Code Key Year Code Month Code 2001 M Jan 1 2003 P March 3 Apr 4 2004 R May 5 2005 S Jun 6 Jul 7 2006 T Aug 8 2007 U Sep 9 2008 V Oct O Nov N 2009 W Dec D
DS30152 Rev. 7 - 2
KXX
KXX
KXX = Product Type Marking Code (See Page 1) For Symmetrical Configuration, No Orientation Indicator YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
YM
Feb 2
2 of 2
BAT54TW /ADW /CDW /SDW /BRW


▲Up To Search▲   

 
Price & Availability of BAT54CDW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X